Part Number Hot Search : 
74LVC1 TK15414 57160 91X154K 015LC NUB611T TE010 MC451
Product Description
Full Text Search
 

To Download 04-6239-012-001-800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
0.50mm Pitch
Series 6239/6269 - ZIF Right Angle SMT One-Touch Lock (Bottom Contact Type)
Specifications
* Number of Contacts - 5-30 * 2000 Connectors per Tape & Reel * Voltage - 50V * Current Rating - 0.4 amp max. * Dielectric Withstanding Voltage - 200V RMS min. * Operating Temperature - (-20C - +85C) * Contact Material - phosphor bronze (tin-lead plated) * Insulator Material - nylon 46, natural color * Slider Material - PPS, natural color * FFC/FPC Thickness - 0.3 0.05mm (0.012 0.002") * Profile Height - 1.50mm
No. of Contacts
05 06 07 08 09 10 11
A
Dimension B C
2.0 (0.079) 2.5 (0.098) 3.0 (0.118) 3.5 (0.138) 4.0 (0.157) 4.5 (0.177) 5.0 (0.197) 5.5 (0.217) 6.0 (0.236) 6.5 (0.256) 7.0 (0.276) 7.5 (0.295) 8.0 (0.315) 8.5 (0.335) 9.0 (0.354) 9.5 (0.374) 10.0 (0.394) 10.5 (0.413) 11.0 (0.433) 11.5 (0.453) 12.0 (0.472) 12.5 (0.492) 13.0 (0.512) 13.5 (0.531) 14.0 (0.551) 14.5 (0.571) 8.3 (0.327) 8.8 (0.346) 9.3 (0.366) 9.8 (0.386) 10.3 (0.406) 10.8 (0.425) 11.3 (0.445) 11.8 (0.465) 12.3 (0.484) 12.8 (0.504) 13.3 (0.524) 13.8 (0.543) 14.3 (0.563) 14.8 (0.583) 15.3 (0.602) 15.8 (0.622) 16.3 (0.642) 16.8 (0.661) 17.3 (0.681) 17.8 (0.701) 18.3 (0.720) 18.8 (0.740) 19.3 (0.760) 19.8 (0.780) 20.3 (0.799) 20.8 (0.819)
.com
12 13 14 15 16 17 18 19 20 21 22
FFC M P B W Wp 1 0.50.1 0.03 0.5 B0.03 W0.07 0.3+0.05 -0.02 2 0.50.08 0.05 0.5 B0.05 W0.07 0.3+0.05 -0.02
FPC 1 0.50.12 0.02 0.5 B0.03 W0.07 0.35+0.04 -0.03 2 0.50.1 0.50.05 B0.05 W0.07 0.35+0.05
23 24 25 26 27 28 29
Applicable FFC, FPC
HOW TO ORDER
04 62XX 0XX 001
30
4.6 (0.181) 5.1 (0.201) 5.6 (0.220) 6.1 (0.240) 6.6 (0.260) 7.1 (0.280) 7.6 (0.299) 8.1 (0.319) 8.6 (0.339) 9.1 (0.358) 9.6 (0.378) 10.1 (0.398) 10.6 (0.417) 11.1 (0.437) 11.6 (0.457) 12.1 (0.476) 12.6 (0.496) 13.1 (0.516) 13.6 (0.535) 14.1 (0.555) 14.6 (0.575) 15.1 (0.594) 15.6 (0.614) 16.1 (0.634) 16.6 (0.654) 17.1 (0.673)
DataShee
800
Series Number 6239 6269 (C/Ag type)
Number of Contacts
2000 Connectors per Tape and Reel.
.com
17
DataSheet 4 U .com
ELCO
.com
www..com
0.50mm Pitch
Series 6239/6269 - Tape and Reel Package
No. of Contacts
05
A
Dimension B C
4.2 8.5 2.7 (0.165) (0.335) (0.106)
No. of Contacts
06 07 08 09 10 11 12 13 14 15 16 17 18 19
A
Dimension B C
9.0 (0.354) 9.5 (0.374) 10.0 (0.394) 10.5 (0.413) 11.0 (0.433) 11.5 (0.453) 12.0 (0.472) 12.5 (0.492) 13.0 (0.512) 13.5 (0.531) 14.0 (0.551) 14.5 (0.571) 15.0 (0.591) 15.5 (0.610) 16.0 (0.630) 16.5 (0.650) 3.2 (0.126) 3.7 (0.146) 4.2 (0.165) 4.7 (0.185) 5.2 (0.205) 5.7 (0.224) 6.2 (0.244) 6.7 (0.264) 7.2 (0.283) 7.7 (0.303) 8.2 (0.323) 8.7 (0.343) 9.2 (0.362) 9.7 (0.382) 10.2 (0.402) 10.7 (0.421)
t4U.com
20 21
4.7 (0.185) 5.2 (0.205) 5.7 (0.224) 6.2 (0.244) 6.7 (0.264) 7.2 (0.283) 7.7 (0.303) 8.2 (0.323) 8.7 (0.343) 9.2 (0.362) 9.7 (0.382) 10.2 (0.402) 10.7 (0.421) 11.2 (0.441) 11.7 (0.461) 12.2 (0.480)
.com
No. of Contacts
22 23 24 25 26 27 28 29 30
A
Dimension B C
17.0 (0.669) 17.5 (0.689) 18.0 (0.709) 18.5 (0.728) 19.0 (0.748) 19.5 (0.768) 20.0 (0.787) 20.5 (0.807) 21.0 (0.827) 11.2 (0.441) 11.7 (0.461) 12.2 (0.480) 12.7 (0.500) 13.2 (0.520) 13.7 (0.539) 14.2 (0.559) 14.7 (0.579) 15.2 (0.598)
12.7 (0.500) 13.2 (0.520) 13.7 (0.539) 14.2 (0.559) 14.7 (0.579) 15.2 (0.598) 15.7 (0.618) 16.2 (0.638) 16.7 (0.658)
HOW TO ORDER
04 62XX 0XX 001 800
.com
Series Number 6239 6269 (C/Ag type)
Number of Contacts
2000 Connectors per Tape and Reel.
ELCO
DataSheet 4 U .com
18
.com


▲Up To Search▲   

 
Price & Availability of 04-6239-012-001-800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X